PART |
Description |
Maker |
AM27C010 AM27C010-120 AM27C010-120DC5 AM27C010-120 |
1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位128亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PQCC32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位28亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal buffers and line drivers 20-PDIP 0 to 70 Quad bus transceivers 14-SOIC 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 Octal buffers and line drivers 20-SO 0 to 70 1 megabit CMOS EPROM 1 Megabit (128 K x 8-Bit) CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
HD74HC244 HD74HC244P |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs) Buffer/Driver
Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
SI91872DMP-50-T1 SI91872 SI91872DMP-12-E3 SI91872D |
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option 300 - mA的低噪音LDO调节器错误国旗和放电期权 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-PDIP 0 to 70
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
74LCX373 74LCX373TTR 74LCX373M 74LCX373MTR |
D-TYPE LATCH NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 锁存
|
HD74HCT244TELL HD74HCT244RPEL HD74HCT244FPEL HD74H |
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
|
http:// Renesas Electronics Corporation
|
74LS241 HD74LS241 |
Octal Buffers/Line Drivers/Line Receivers with non-inverted 3-state outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74BC240A |
Octal Buffers/Line Drivers With 3 State Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74LV540A |
Octal Buffers and Line Drivers with 3-state outputs
|
Hitachi Semiconductor
|
HD74LVC2244A |
Octal Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
U74HC240 U74HC240L-P20-T U74HC240L-P20-R |
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
HD74BC541A HD74BC541AFPEL |
Octal Buffers/Line Drivers With 3 State Outputs
|
Renesas Electronics Corporation
|